| Moteur de recherche de fiches techniques de composants électroniques |
|
M52723ASP Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M52723ASP Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 23 page ![]() M52723ASP REJ03F0191-0201 Rev.2.01 Mar 31, 2008 Page 2 of 22 Pin Arrangement V-VCC VHS INPUT H-GND H-PULSE INPUT H-DELAY CAPACITOR VPH INPUT VREF OUTPUT VREF RESISTOR AGC TRACE CAPACITOR AGC RETRACE CAPACITOR H-VCC H-SAW RETRACE H-PARA OUTPUT VGH INPUT VGV INPUT V-PARA OUTPUT V-SAW INPUT V-GND M52723ASP (Top view) Outline: PRDP0020BA-A (20P4B) VREF INPUT H-SAW TRACE 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 Absolute Maximum Ratings (Ta = 25 °C) Ratings Item Symbol Min Typ Max Unit Supply voltage VCC 13.0 V Power dissipation Pd 1237.6 mW Operating temperature Topr −20 +85 °C Storage temperature Tstg −40 +150 °C Recommended operating voltage Vopr 12.0 V Recommended operating voltage range Vopr 11.5 12.5 V Surge Vsurge ±200 V |