| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA8176 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA8176 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 5 page ![]() Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. © 1994 SGS-THOMSON Microelectronics - All Rights Reserved Purchase of I 2C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips I 2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to the I 2C Standard Specifications as defined by Philips. SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. PACKAGE MECHANICAL DATA : 15 PINS - PLASTIC MULTIWATT Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 5 0.197 B 2.65 0.104 C 1.6 0.063 D 1 0.039 E 0.49 0.55 0.019 0.022 F 0.66 0.75 0.026 0.030 G 1.14 1.27 1.4 0.045 0.050 0.055 G1 17.57 17.78 17.91 0.692 0.700 0.705 H1 19.6 0.772 H2 20.2 0.795 L 22.1 22.6 0.870 0.890 L1 22 22.5 0.866 0.886 L2 17.65 18.1 0.695 0.713 L3 17.25 17.5 17.75 0.679 0.689 0.699 L4 10.3 10.7 10.9 0.406 0.421 0.429 L7 2.65 2.9 0.104 0.114 M 4.2 4.3 4.6 0.165 0.169 0.181 M1 4.5 5.08 5.3 0.177 0.200 0.209 S 1.9 2.6 0.075 0.102 S1 1.9 2.6 0.075 0.102 Dia. 1 3.65 3.85 0.144 0.152 TDA8176 5/5 |