| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA8174A Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA8174A Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 5 page ![]() TDA8174A TDA8174AW VERTICAL DEFLECTION CIRCUIT February 1997 . RAMP GENERATOR . INDEPENDENT AMPLITUDE ADJUSTEMENT . BUFFER STAGE . POWER AMPLIFIER . FLYBACK GENERATOR . THERMAL PROTECTION . INTERNAL REFERENCE VOLTAGE DECOU- PLING MULTIWATT11 (Plastic Package) ORDER CODE :TDA8174A 6 POWER OUTPUT OUTPUT STAGE V S TRIGGER INPUT HEIGHT ADJUSTMENT VOLTAGE REF DECOUPLING GROUND RAMP GENERATOR BUFFER OUTPUT INVERTING INPUT VS FLYBACK GENERATOR 11 10 9 8 7 5 4 3 2 1 PIN CONNECTIONS (top view) DESCRIPTION TDA8174Aand TDA8174AWare a monolithic inte- grated circuits. It is a full performance and very efficient vertical deflection circuit intended for direct drive of a TV picture tube in Color and B & W television as well as in Monitor and Data displays. CLIPWATT11 (Plastic Package) ORDER CODE :TDA8174AW 1/5 |
Numéro de pièce similaire - TDA8174A |
|
Description similaire - TDA8174A |