| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA8170 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA8170 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() TDA8170 TV VERTICAL DEFLECTION OUTPUT CIRCUIT December 1997 HEPTAWATT (Plastic Package) ORDER CODE : TDA8170 The functions incorporated are : . POWER AMPLIFIER . FLYBACK GENERATOR . REFERENCE VOLTAGE . THERMAL PROTECTION 7 6 5 4 3 2 1 Tab connected to Pin 4 OUTPUT STAGE SUPPLY OUTPUT GROUND FLYBACK GENERATOR SUPPLY VOLTAGE INVERTING INPUT REFERENCE VOLTAGE AND NON-INVERTING INPUT PIN CONNECTIONS PO WE R AMPLIFIER 4 5 7 THERMAL P ROTE C TION 1 RE FER ENCE VOLTAGE +V S 23 6 FLYBACK GENER ATOR TDA8170 BLOCK DIAGRAM DESCRIPTION The TDA8170 is a monolithic integrated circuit in HEPTAWATT TM package. It is a high efficiency power booster for direct driving of vertical windings of TV yokes. It is intended for use in Colour and B & W television receivers as well as in monitors and displays. 1/7 |
Numéro de pièce similaire - TDA8170 |
|
Description similaire - TDA8170 |