| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7550 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7550 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 12 page ![]() APPLICATIONS Real time digital speech and audio processing: speech recognition, speech synthesis, speech compression, echo cancelling, noise cancelling, speaker verification. ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VDDP Pads DC Supply Voltage –0.3 to VDD +0.3 V VD, VIN Digital or Analog Input Voltage –0.3 to VDDP +0.3 V Top Operating Temperature Range –40 to +85 °C Tstg Storage Temperature Range –55 to +150 °C Ptot Total Maximum Power Dissipation mW 1 2 3 5 6 4 7 8 9 10 31 11 32 33 34 35 36 75 74 73 72 70 71 69 68 67 66 65 55 54 53 51 50 52 60 59 58 56 57 EMI_A8 EMI_AD7 GND EMI_AD6 EMI_AD5 VDD EMI_A13 EMI_A12 EMI_A11 EMI_A7 EMI_A10 VOUTL VOUTR CVDD GPIO3 GPIO6 CGND CGNDA VINL VINR VDD GND TQFP80 26 27 28 29 30 76 77 78 79 80 21 22 23 24 25 49 48 46 45 47 GPIO2 GND SDA/SS SCL/SCK VDD 12 13 14 15 16 EMI_A16 GND VDD EMI_A14 EMI_A15 64 63 62 61 37 38 39 40 44 42 41 43 INTN DBRQN DBOUT NRESET 17 18 19 20 EMI_A20 EMI_A19 EMI_A18 EMI_A17 PIN CONNECTION TDA7550R - TDA7550 - TDA7551 - TDA7552 - TDA7553 2/12 |