| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7522 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7522 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 23 page ![]() 13/23 TDA7522 4.2 ST7 Interrupts Registers Configuration & Jump Table The TDA7522 peripheral interrupt vector is as follows: -Register MASK1[7:0]: bit position Description Interrupt Name MASK1[7] NOT USED MASK1[6] NOT USED MASK1[5] SUB_IRQ_Q Subcode extraction channel Q MASK1[4] SUB_IRQ_RW Subcode extraction channel RW MASK1[3] SP_OVER Shock Proof MASK1[2] I2C_INT IIC MASK1[1] PLL_int Analog Plll MASK1[0] DSP_shock SAC-DSP register MASK2[7:0] bit position Description Interrupt Name MASK2[7] NOT USED MASK2[6] NOT USED MASK2[5] HSY_int Digital PLL MASK2[4] EVD_int Event detector MASK2[3] CIRC_over Cross Interleave RS Code MASK2[2] reserved MASK2[1] reserved MASK2[0] KIF_IRQ Kenwood interface. Interrupts vector is reported below: Interrupt Vector Jump Address Source Event Source Peripheral ITCPU11 : ffe6 CIR_over CIRC ITCPU10 : ffe8 EVD_int Event Detector ITCPU9 : ffea HSY_int HFSync ITCPU8 : ffec DSP_shock SAC-DSP ITCPU7 : ffee PLL_int Analog PLL ITCPU6 : fff0 I2C_int I2C ITCPU5 : fff2 SP_over Shock Proof ITCPU4 : fff4 SUB_IRQ_RW Subcode/Control Extraction ITCPU3 : fff6 SUB_IRQ_Q Subcode/Control Extraction ITCPU2: fff8 TIMERINT TIMER interrupt ITCPU1 : fffa OEXTIT PORT C interrupt TRAP : fffc OTRAPIT software interrupt RESET : fffe OSTART external reset. |