Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7512 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Fiches technique(HTML) 3 Page - STMicroelectronics

  TDA7512 Datasheet HTML 1Page - STMicroelectronics TDA7512 Datasheet HTML 2Page - STMicroelectronics TDA7512 Datasheet HTML 3Page - STMicroelectronics TDA7512 Datasheet HTML 4Page - STMicroelectronics TDA7512 Datasheet HTML 5Page - STMicroelectronics TDA7512 Datasheet HTML 6Page - STMicroelectronics TDA7512 Datasheet HTML 7Page - STMicroelectronics TDA7512 Datasheet HTML 8Page - STMicroelectronics TDA7512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3/42
TDA7512
PIN CONNECTION (Top view)
PIN DESCRIPTION
Pin Name
Function
1
AMMIX1IN2
AM Input2 Mixer1
2
AMMIX1IN1
AM Input1 Mixer1
3
AMRFAGCIN
Input AM RF AGC
4
AMRFAGCOUT
Output AM RF AGC
5
AMPINDR
AM PIN Diode Driver Output
6
FMPINDR
FM PIN Diode Driver Output
7
FMMIX1IN1
FM Input1 Mixer1
8
GNDRF
RF Ground
9
FMMIX1IN2
FM Input2 Mixer1
10
FMAGCTC
FM AGC Time Constant
11
TV1
Tuning Voltage Preselection1
12
TV2
Tuning Voltage Preselection2
13
ADJCH
Ident. Adjacent Channel Output
1
2
3
5
6
4
7
8
9
10
27
11
28 29 30 31 32
59 58 57 56
54
55
53 52 51 50 49
43
42
41
39
38
40
48
47
46
44
45
FMPINDR
AMPINDR
AMRFAGCOUT
AMMIX1IN1
AMMIX1IN2
AMRFAGCIN
TV1
FMAGCTC
FMMIX1IN2
FMMIX1IN1
GNDRF
AMIF2IN
MUTETC
AMDETC
AMIFBPF
AMIFREF
AMAGC2TC
VREF1
GNDDEM
FMMIX2IN1
REFDEMC FM/AM
FMMIX2IN2
TQFP64
22 23 24 25 26
60
61
62
63
64
17 18 19 20 21
37
36
34
33
35
MPX/AFAM
VCC1
AMST/MP
GNDVCC1
FSW
12
13
14
15
16
VCCVCO
ISSTC
FSU
TV2
ADJCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42