| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7511 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7511 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 41 page ![]() 35/41 TDA7511 Addr 26 Test Addr 27 Test Mode1 Addr 28 Test Mode2 Table 29. MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 x x x x x 1 1 0 Only for testing (bits have to be set) Table 30. MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 0 0 0 0 0 0 0 0 Only for testing (bits have to be set) Table 31. MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 x x 0 0 0 0 0 0 Only for testing (bits have to be set) |