| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7476 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7476 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 15 page ![]() TDA7476 CAR RADIO DIAGNOSTIC PROCESSOR PRELIMINARY DATA WIDE OPERATING VOLTAGE RANGE ST-BY FUNCTION (C-MOS) LOW QUIESCENT ST-BY CURRENT CON- SUMPTION I2C BUS INTERFACE WITH 2 EXTERNALLY SELECTABLE ADDRESSES UP TO 5 BTL EQUIVALENT INPUTS FOR FAULT DETECTION IN THE AUDIO CHAN- NELS - short to GND - short to Vs - short across the load (at turn-on) - open load (at turn-on) 2 AUX INPUTS FOR FAULT DETECTION IN THE ANTENNA AND BOOSTERS SUPPLY LINE - short to GND - open load WARNING PIN FUNCTION (interrupt facility) ACTIVATED IN THE FOLLOWING CONDI- TION: - audio channel shorted to VS - audio channel shorted to GND - aux input shorted to GND NOISE FREE DIAGNOSTICS OPERATION PROTETCTORS LOAD DUMP VOLTAGE OPEN GND REVERSED BATTERY ESD DESCRIPTION The car radio diagnostic processor is an interface chip in BCD Technology intended for car radio applications. It is able to detect potential faults coming from any misconnection in the car radio or in the harness when installing the set. The device is able to reveal any fault in the loud- speaker lines and in the antenna and booster supply lines, providing a proper output signal (I 2C bus compatible) in order to disable the ICs under fault and/or to alert µcontroller by means of warn- ing messages. This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. December 1999 ® GND SDA SCL ADD W AUX1 IN AUX1 OUT AUX2 IN AUX2 OUT CH1- CH2- CH2+ CH3- CH3+ CH4- CH4+ CH5+ CH5- 1 3 2 4 5 6 7 8 9 22 21 20 19 18 16 17 15 23 10 24 5V CH1+ D97AU570 ST-BY T-CAP 11 14 13 12 VS CURR. SET. RES. PIN CONNECTION (Top view) SO24 MULTIPOWER BCD TECHNOLOGY 1/15 |
Numéro de pièce similaire - TDA7476 |
|
Description similaire - TDA7476 |