Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7465 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce TDA7465
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7465 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button TDA7465 Datasheet HTML 4Page - STMicroelectronics TDA7465 Datasheet HTML 5Page - STMicroelectronics TDA7465 Datasheet HTML 6Page - STMicroelectronics TDA7465 Datasheet HTML 7Page - STMicroelectronics TDA7465 Datasheet HTML 8Page - STMicroelectronics TDA7465 Datasheet HTML 9Page - STMicroelectronics TDA7465 Datasheet HTML 10Page - STMicroelectronics TDA7465 Datasheet HTML 11Page - STMicroelectronics TDA7465 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SOFTWARE SPECIFICATION
Interface Protocol
The interface protocol comprises:
A start condition (S)
A chip address byte, containing the TDA7465
address
A subaddress bytes
A sequence of data (N byte + achnowledge)
A stop condition (P)
ACK = Achnowledge
S = Start
P = Stop
A = Address
B = Auto Increment
S
100000
A
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D95AU226A
B
DATA
SUBADDRESS
DATA 1 to DATA n
EXAMPLES
No Incremental Bus
The TDA7465 receives a start condition, the cor-
rect chip address, a subaddress with the MSB = 0
(no incremental bus), N-data (all these data con-
cern the subaddress selected), a stop condition.
S
100000
A
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D95AU306
0D3
SUBADDRESS
DATA
X
X
X
D2 D1 D0
Incremental Bus
The TDA7465 receives a start condition, the cor-
rect chip address, a subaddress with the MSB = 1
(incremental bus): now it is in a loop condition
with an autoincrease of the subaddress whereas
SUBADDRESS from ”1XXX1010” to ”1XXX1111”
of DATA are ignored.
The DATA 1 concerns thesubaddress sent, and
the DATA 2 concerns the subaddress sent plus
one in the loop etc. and, at the end, it receives the
stop condition.
S
100000
A
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D95AU307
1D3
SUBADDRESS
DATA 1 to DATA n
X
X
X
D2 D1 D0
TDA7465
8/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20