Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLV1544CPWRG4 Fiches technique(PDF) 39 Page - Texas Instruments

No de pièce TLV1544CPWRG4
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLV1544CPWRG4 Fiches technique(HTML) 39 Page - Texas Instruments

Back Button TLV1544CPWRG4 Datasheet HTML 33Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 34Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 35Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 36Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 37Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 38Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 39Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 40Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 41Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TLV1544CDR
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
TLV1544CPWR
TSSOP
PW
16
2000
330.0
12.4
6.67
5.4
1.6
8.0
12.0
Q1
TLV1544IDR
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
TLV1544IPWR
TSSOP
PW
16
2000
330.0
12.4
6.67
5.4
1.6
8.0
12.0
Q1
TLV1548CDBR
SSOP
DB
20
2000
330.0
16.4
8.2
7.5
2.5
12.0
16.0
Q1
TLV1548IDBR
SSOP
DB
20
2000
330.0
16.4
8.2
7.5
2.5
12.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Mar-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41