| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7403D Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7403D Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 26 page ![]() I 2C BUS INTERFACE DESCRIPTION Interface Protocol The interface protocol comprises: -a start condition (S) -a chip address byte (the LSB bit determines read / write transmission) -a subaddress byte -a sequence of data (N-bytes + acknowledge) -a stop condition (P) D97AU627 S 1000110 R/W ACK ACK ACK P MSB LSB MSB LSB MSB LSB CHIP ADDRESS XI SUBADDRESS DATA 1 to DATA n AZ T A3 A2 A1 A0 DATA S = Start ACK = Acknowledge AZ = AutoZero-Remain T = Testing I = Autoincrement P = Stop MAX CLOCK SPEED 500kbits/s The transmitted data is automatically updated af- ter each ACK. Transmission can be repeated without new chip address. Auto increment If bit I in the subaddress byte is set to ”1”, the autoincrement of the subaddress is enabled. TRANSMITTED DATA (send mode) MSB LSB XX XX ST SM X X SM = Soft mute activated ST = Stereo X = Not Used SUBADDRESS (receive mode) MSB LSB FUNCTION X AZ T I A3A2 A1A0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Not allowed Loudness / Auto-Zero Volume Softmute / Beep Bass / Treble Attenuator Bass / Treble Configuration Speaker attenuator LF Speaker attenuator LR Speaker attenuator RF Speaker attenuator RR / Blanktime adjust Stereodecoder Noiseblanker Fieldstrength Control Configuration Stereodecoder Adjustment Testing T = Testmode I = Autoincrement AZ = Auto Zero Remain X = not used TDA7403 18/26 |