Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7346 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce TDA7346
Description  DIGITAL CONTROLLED SURROUND SOUND MATRIX
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7346 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button TDA7346 Datasheet HTML 6Page - STMicroelectronics TDA7346 Datasheet HTML 7Page - STMicroelectronics TDA7346 Datasheet HTML 8Page - STMicroelectronics TDA7346 Datasheet HTML 9Page - STMicroelectronics TDA7346 Datasheet HTML 10Page - STMicroelectronics TDA7346 Datasheet HTML 11Page - STMicroelectronics TDA7346 Datasheet HTML 12Page - STMicroelectronics TDA7346 Datasheet HTML 13Page - STMicroelectronics TDA7346 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b
0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E
8.5
0.335
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.280
I
3.93
0.155
L
3.3
0.130
Z
1.34
0.053
DIP20 PACKAGE MECHANICAL DATA
TDA7346
13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14