Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7336 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce TDA7336
Description  STEREO PREAMP AMS DOLBY B* NOISE REDUCTION PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7336 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button TDA7336 Datasheet HTML 12Page - STMicroelectronics TDA7336 Datasheet HTML 13Page - STMicroelectronics TDA7336 Datasheet HTML 14Page - STMicroelectronics TDA7336 Datasheet HTML 15Page - STMicroelectronics TDA7336 Datasheet HTML 16Page - STMicroelectronics TDA7336 Datasheet HTML 17Page - STMicroelectronics TDA7336 Datasheet HTML 18Page - STMicroelectronics TDA7336 Datasheet HTML 19Page - STMicroelectronics TDA7336 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
SO28
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.3
0.004
0.012
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.013
C
0.5
0.020
c1
45
° (typ.)
D
17.7
18.1
0.697
0.713
E
10
10.65
0.394
0.419
e
1.27
0.050
e3
16.51
0.65
F
7.4
7.6
0.291
0.299
L
0.4
1.27
0.016
0.050
S8
° (max.)
OUTLINE AND
MECHANICAL DATA
TDA7336
19/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20