Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7331 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce TDA7331
Description  SINGLE CHIP RDS DEMODULATOR FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7331 Fiches technique(HTML) 6 Page - STMicroelectronics

  TDA7331 Datasheet HTML 1Page - STMicroelectronics TDA7331 Datasheet HTML 2Page - STMicroelectronics TDA7331 Datasheet HTML 3Page - STMicroelectronics TDA7331 Datasheet HTML 4Page - STMicroelectronics TDA7331 Datasheet HTML 5Page - STMicroelectronics TDA7331 Datasheet HTML 6Page - STMicroelectronics TDA7331 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SO20 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.3
0.004
0.012
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.013
C
0.5
0.020
c1
45 (typ.)
D
12.6
13.0
0.496
0.512
E
10
10.65
0.394
0.419
e
1.27
0.050
e3
11.43
0.450
F
7.4
7.6
0.291
0.299
L
0.5
1.27
0.020
0.050
M
0.75
0.030
S
8 (max.)
TDA7331
6/7



Html Pages

1 2 3 4 5 6 7