| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7326 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7326 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 16 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VDD1 -VSS Supply Voltage - 0.3 to + 7 V VDD2 -VSS Supply Voltage - 0.3 to + 12 V VIN Input Voltage VSS - 0.3 to VDD + 0.3 V VOUT Output Voltage VSS - 0.3 to VDD + 0.3 V IIN Input Current - 10 to + 10 mA IOUT Output Current - 10 to + 10 mA Tstg Storage Temperature - 55 to + 125 oC TA Ambient Temperature -40 to + 85 oC THERMAL DATA Symbol Parameter DIP 16 SO 16L Unit Rth j-amb Thermal Resistance Junction-ambient 100 200 °C/W PIN CONNECTION Figure 1:Input Sensitivity TDA7326 2/16 |