| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7316 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7316 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 10 page ![]() Figure 2: Application Circuit A five bands graphic equalizer is implemented us- ing the 4 bands of the TDA7316 plus a fifth band obtained from the bass control circuit of the TDA7318 (or another audioprocessor of the SGS- THOMSON 731X family). Applications requiring higher number of external equalizer bands could be implemented by cascading 2 or more TDA7316 devices. In fact the dedicated ADDR pin allows 2 addresses selection. Anyway, the ad- dress of the graphic equalizer is different from the audioprocessor one. For example, 9 bands are implemented by using of 2 TDA7316 plus an audioprocessor (TDA731X family). In case one filtering cell is not needed, a short cir- cuit must be provided between the P1xy and P2xy pins. TDA7316 5/10 |