| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7285D Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7285D Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 11 page ![]() Eg = RT Id + IM ( RT K − RM )+ Vref [1 + Rb RS + RT RS ( 1 + 1 K ) ] RS has to be adjusted so that the applied voltage VM is suitable for a given motor, the speed is then linearly adjustable varing RB. The value RT is calculated so that RT (max.) >K(min.) *RM (min.) if RT (max.) >K * RM, instability may occur. The values of C15 (4.7 µF typ.) and C14 (1µF typ.) depend on the type of motor used. C15 ad- justs WOW and flutter of the system. C14 sup- presses motor spikes. APPLICATION INFORMATION Figure 21. TDA7285 8/11 |