| Moteur de recherche de fiches techniques de composants électroniques |
|
M38045F7HKP Fiches technique(PDF) 53 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38045F7HKP Fiches technique(HTML) 53 Page - Renesas Technology Corp |
|
53 / 387 page ![]() 1-35 REJ09B0212-0100Z Rev.1.00 Jan 14, 2005 3804 Group (Spec.H) HARDWARE FUNCTIONAL DESCRIPTION Fig. 24 Block diagram of timer Z “1” “0” P42/INT1 P47/CNTR2 “0” “1” “001” “100” “101” f(XCIN) XIN XCIN Output level latch Programmable one-shot generating mode Programmable one-shot generating circuit CNTR2 active edge switch bit Programmable one-shot generating mode Data bus To timer Z interrupt request bit To CNTR2 interrupt request bit To INT1 interrupt request bit Programmable waveform generating mode Pulse output mode CNTR2 active edge switch bit Pulse output mode Timer Z low-order latch Timer Z low-order Timer Z high-order latch Timer Z high-order Timer Z operating mode bits Port P47 direction register Port P47 latch Pulse period measurement mode Pulse width measurement mode Edge detection circuit Timer Z count stop bit Count source selection bit (1/2, 1/4, 1/8, 1/16, 1/32, 1/64, 1/128, 1/256, 1/512, 1/1024) Divider CNTR2 active edge switch bit D Q T TQ Q S “1” “0” “0” “1” Timer/Event counter mode switch bit |