Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38042F6HKP Fiches technique(PDF) 16 Page - Renesas Technology Corp

No de pièce M38042F6HKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38042F6HKP Fiches technique(HTML) 16 Page - Renesas Technology Corp

Back Button M38042F6HKP Datasheet HTML 12Page - Renesas Technology Corp M38042F6HKP Datasheet HTML 13Page - Renesas Technology Corp M38042F6HKP Datasheet HTML 14Page - Renesas Technology Corp M38042F6HKP Datasheet HTML 15Page - Renesas Technology Corp M38042F6HKP Datasheet HTML 16Page - Renesas Technology Corp M38042F6HKP Datasheet HTML 17Page - Renesas Technology Corp M38042F6HKP Datasheet HTML 18Page - Renesas Technology Corp M38042F6HKP Datasheet HTML 19Page - Renesas Technology Corp M38042F6HKP Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 387 page
background image
xii
3804 Group (Spec.H)
List of figures
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
Fig. 3.5.31 Structure of UART3 control register ...................................................................... 3-70
Fig. 3.5.32 Structure of AD/DA control register ....................................................................... 3-70
Fig. 3.5.33 Structure of AD conversion register 1 .................................................................. 3-71
Fig. 3.5.34 Structure of DAi conversion register (i = 1, 2) .................................................... 3-71
Fig. 3.5.35 Structure of AD conversion register 2 .................................................................. 3-71
Fig. 3.5.36 Structure of Interrupt source selection register ................................................... 3-72
Fig. 3.5.37 Structure of Interrupt edge selection register ...................................................... 3-73
Fig. 3.5.38 Structure of CPU mode register ............................................................................ 3-73
Fig. 3.5.39 Structure of Interrupt request register 1 ............................................................... 3-74
Fig. 3.5.40 Structure of Interrupt request register 2 ............................................................... 3-74
Fig. 3.5.41 Structure of Interrupt control register 1 ................................................................ 3-75
Fig. 3.5.42 Structure of Interrupt control register 2 ................................................................ 3-75
Fig. 3.5.43 Structure of Flash memory control register 0 ...................................................... 3-76
Fig. 3.5.44 Structure of Flash memory control register 1 ...................................................... 3-77
Fig. 3.5.45 Structure of Flash memory control register 2 ...................................................... 3-77
Fig. 3.5.46 Structure of Port Pi pull-up control register (i = 0 to 2, 4 to 6) ....................... 3-78
Fig. 3.5.47 Structure of Port P3 pull-up control register ........................................................ 3-78
Fig. 3.5.48 Structure of I2C slave address register i (i = 0 to 2) ......................................... 3-79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More