| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA4605 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA4605 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 6 page ![]() TDA4605 CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS April 1996 1 2 3 4 8 7 6 5 REGULATION INPUT PRIMARY CURRENT SIMULATION PRIMARY VOLTAGE MONITORING GROUND OUTPUT SUPPLY VOLTAGE SOFT-START ZERO CROSSING DETECTOR INPUT PIN CONNECTIONS DIP8 (Plastic Package) ORDER CODE : TDA4605 . FOLD-BACK CHARACTERISTIC PROVIDES OVERLOAD PROTECTION FOR EXTERNAL DIODES . BURST OPERATION UNDER SHORT-CIR- CUIT AND NO LOAD CONDITIONS . LOOP ERROR PROTECTION . SWITCH-OFF IN CASE OF TOO LOW LINE VOLTAGE (under voltage switch-off) . LINE VOLTAGE COMPENSATION OF OVER- LOAD POINT . SOFT-START FOR SMOOTH START-UP . CHIP OVER-TEMPERATURE PROTECTION (thermal shutdown) . ON-CHIP PARASITIC TRANSFORMER OS- CILLATION SUPPRESSION CIRCUITRY . DECREASE OF REGULATED VOLTAGE FOR LOW POWER CONSUMPTION DESCRIPTION The IC TDA4605 controls the MOS Power Transis- tor and performs all necessary regulation and monitoring functions in free running flyback con- verters. Since good load regulation over a wide load range is attained, this IC is particularly suitable for Consumer as well as Industrial Power Supplies. Alternative source of the TDA4605 is also avail- able from SIEMENS Semiconductors Consumer Electronics A.G. SO8 (Plastic Micropackage) ORDER CODE : TDA4605D 1/6 |
Numéro de pièce similaire - TDA4605 |
|
Description similaire - TDA4605 |