Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA4445A Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce TDA4445A
Description  SOUND IF AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA4445A Fiches technique(HTML) 2 Page - STMicroelectronics

  TDA4445A Datasheet HTML 1Page - STMicroelectronics TDA4445A Datasheet HTML 2Page - STMicroelectronics TDA4445A Datasheet HTML 3Page - STMicroelectronics TDA4445A Datasheet HTML 4Page - STMicroelectronics TDA4445A Datasheet HTML 5Page - STMicroelectronics TDA4445A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BLOCK DIAGRAMS
GENERAL DESCRIPTION
This circuit includes the following functions :
.
Three symmetrical and gain controlled wide
band amplifier stages, which are extremely sta-
ble by quasi DC coupling without feedback.
.
Averaging AGC with discharge control circuit
.
AGC voltage generator
Quasi parallel sound operation :
.
High phase accuracy of the carrier signal proc-
essing, independent from AM
.
Linear quadrature demodulator
.
Sound-IF-amplifier stage with impedance con-
verter
AM-Demodulation (only TDA4445B) :
.
Carrier controlled demodulator
.
Audio frequency stage with impedance con-
verter
.
Averaging low pass AGC
TDA4445A
TDA4445B
TDA4445A - TDA4445B
2/6



Html Pages

1 2 3 4 5 6