| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA4433 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA4433 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 5 page ![]() TDA4433 TV SIGNAL IDENTIFICATION CIRCUIT AND AFC INTERFACE December 1992 1 2 3 4 5 6 7 14 13 12 11 10 9 8 OUTPUT A AFC ”S” CURVE INPUT STABILIZED VOLTAGE OUT IDENTIFICATION TIME CONSTANT OUTPUT B N.C. GND VIDEO SIGNAL INPUT H FLYBACK INPUT SENSITIVITY CONTROL IDENTIFICATION SIGNAL OUTPUT N.C. N.C. V S PIN CONNECTIONS DIP14 (Plastic Package) ORDER CODE : TDA4433 . IDENTIFICATION OF TRUE TV STATIONS ONLY . LOW IMPEDANCE OUTPUT OF THE IDENTI- FICATION SIGNAL . DIGITAL CONTROL SIGNAL FOR AUTOMAT- IC SEARCH AND AFC OPERATION . THERMAL COMPENSATION OF THE VOLT- AGE REGULATOR DESCRIPTION The TDA4433 is a monolithic integrated circuit in a 14 lead dual-in-line plastic package. It integrates the following functions : - TV signal identificator - Sync. separator - Thresh- old detector - Digital Interface - Voltage regulator. 1/5 |
Numéro de pièce similaire - TDA4433 |
|
Description similaire - TDA4433 |