| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA2822M Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA2822M Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() SCHEMATIC DIAGRAM ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit Vs Supply Voltage 15 V Io Peak Output Current 1 A Ptot Total Power Dissipation at Tamb = 50 °C at Tcase = 50 °C 1 1.4 W W Tstg, Tj Storage and Junction Temperature – 40, + 150 °C THERMAL DATA Symbol Parameter Value Unit Rth j-amb Thermal Resistance Junction-ambient Max. 100 °C/W Rth j-case Thermal Resistance Junction-pin (4) Max. 70 °C/W TDA2822M 2/11 |