Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD230 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce TD230
Description  ELECTRONIC CIRCUIT BREAKER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD230 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button TD230 Datasheet HTML 7Page - STMicroelectronics TD230 Datasheet HTML 8Page - STMicroelectronics TD230 Datasheet HTML 9Page - STMicroelectronics TD230 Datasheet HTML 10Page - STMicroelectronics TD230 Datasheet HTML 11Page - STMicroelectronics TD230 Datasheet HTML 12Page - STMicroelectronics TD230 Datasheet HTML 13Page - STMicroelectronics TD230 Datasheet HTML 14Page - STMicroelectronics TD230 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Rs e ns e
TD230
CTN
R
R
Figure 13 :
Wide Temperature Variations
Rse nse
TD23 0
C
R
Figure 14 : Temporisation
Trace A represents the ripple voltage on CBOOST
(200mV width).
Trace B represents the voltage perturbation due to
the Step-Up converter on the output (source of the
power Mosfet = Board power supply).
Traces 1 and 2 represent the same, but improved
thanks to the Step-Up Noise reduction RC.
5.2. Precision Enhancement
If the system needs accurate current limitation in
an environment subject to very wide temperature
variations, a good way to compensate fluctuations
due to temperature variations is to use a CTN as
described in figure 13.
5.3. Temporisation
In some cases, it can be useful to let short current
peaks pass without reaction of the breaker, though
these are of higher value than the fixedcurrent limit.
This enables the Electronic Circuit Breaker to be-
have as a thermal disjonctor.
This beha viour can easily be given by adding an
RC constant as shown on figure 14.
TD230
13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15