Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPR1520F Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STPR1520F
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR1520F Fiches technique(HTML) 2 Page - STMicroelectronics

  STPR1520F Datasheet HTML 1Page - STMicroelectronics STPR1520F Datasheet HTML 2Page - STMicroelectronics STPR1520F Datasheet HTML 3Page - STMicroelectronics STPR1520F Datasheet HTML 4Page - STMicroelectronics STPR1520F Datasheet HTML 5Page - STMicroelectronics STPR1520F Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STPR1520D/F
2/6
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
50
µA
Tj = 100
°C
1mA
VF **
Forward voltage drop
Tj = 125
°CIF =15 A
0.99
V
Tj = 125
°CIF =30 A
1.20
Tj=25
°CIF =30 A
1.25
Pulse test : * tp=5ms,
δ <2%
** tp = 380
µs, δ <2%
To evaluate the conduction losses use the following equation :
P=0.78xIF(AV) + 0.014 x IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Test conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25°C
IF = 0.5A
Irr = 0.25A
IR =1A
30
ns
tfr
Tj =25
°CIF =1A tr=10ns VFR =1.1xVF
20
VFP
Tj =25
°CIF =1A tr=10ns
3V
RECOVERY CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AC
2
°C/W
ISOWATT220AC
4.5
THERMAL RESISTANCES
Fig. 2: Peak current versus form factor.
Fig. 1: Average forward power dissipation versus
average forward current.



Html Pages

1 2 3 4 5 6