| Moteur de recherche de fiches techniques de composants électroniques |
|
L4979MD Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4979MD Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 10 page ![]() 9/10 L4979MD L4979D Table 6. Revision History Date Revision Description of Changes June 2004 3 Changed the values of the parameter “Reset timing high/low threshold. July 2004 4 Pin Connection SO-20 changed. Changed some textes in the Features and table 2. Changed some values in the tables 3, 4 and 5. Changed some textes in the sections 2, 3 and 4. October 2004 5 Changed from Product Preview to final datasheet. February 2006 6 Modified the orderable part numbers for Tape & Reel. |