| Moteur de recherche de fiches techniques de composants électroniques |
|
7480_M Fiches technique(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480_M Fiches technique(HTML) 39 Page - Renesas Technology Corp |
|
39 / 337 page ![]() 7480 Group and 7481 Group User's Manual 1-22 HARDWARE 1.9 Memory Maps Figure 1.9.1 shows the memory maps of the 7480 Group and 7481 Group. Memories and I/Os located in the access area are described below. q RAM The internal RAM is located in the area listed in Table 1.9.1. Internal RAM is used for data storage, the stack area used subroutine call or interrupt generation. To prevent the contents of RAM from being destroyed, take the depth of subroutine nesting and the level of interrupt into consideration when using RAM as the stack area. q Special Function Registers (SFR) (Addresses ‘00C016’ through ‘00FF16’) Special function registers (SFR) are assigned to addresses ‘00C016’ through ‘00FF16’. Various control registers for the I/O ports, the timers, the serial I/O, the A-D converter, and the interrupts are located in the SFR area. Figure 1.9.2 shows the memory map of the SFR area. q ROM The internal ROM is located in the area listed in Table 1.9.2. Internal ROM is used to store data tables and programs. In the 7480 Group and 7481 Group, addresses ‘FFE416’ through ‘FFFF16’ of the ROM area are assigned to the vector area where the jump addresses after system is released from reset and interrupt generation are stored. Figure 1.9.3 shows the memory map of the interrupt vector area. Table 1.9.1 RAM Area Product M3748xM2 M3748xM4 M3748xM8/E8 Range of RAM Area Addresses ‘000016’ through ‘007F16’ Addresses ‘000016’ through ‘00BF16’, Addresses ‘010016’ through ‘013F16’ Addresses ‘000016’ through ‘00BF16’, Addresses ‘010016’ through ‘01FF16’ RAM Size 128 × 8 bits 256 × 8 bits 448 × 8 bits Table 1.9.2 ROM Area Product M3748xM2 M3748xM4 M3748xM8 M3748xE8 Range of ROM Area Addresses ‘F00016’ through ‘FFFF16’ Addresses ‘E00016’ through ‘FFFF16’ Addresses ‘C00016’ through ‘FFFF16’ ROM Size 4K × 8 bits 8K × 8 bits 16K × 8 bits 1.9 Memory Maps Memory Type Mask ROM Mask ROM Mask ROM PROM |