Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7477 Fiches technique(PDF) 33 Page - Renesas Technology Corp

No de pièce 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Fiches technique(HTML) 33 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 29Page - Renesas Technology Corp 7477 Datasheet HTML 30Page - Renesas Technology Corp 7477 Datasheet HTML 31Page - Renesas Technology Corp 7477 Datasheet HTML 32Page - Renesas Technology Corp 7477 Datasheet HTML 33Page - Renesas Technology Corp 7477 Datasheet HTML 34Page - Renesas Technology Corp 7477 Datasheet HTML 35Page - Renesas Technology Corp 7477 Datasheet HTML 36Page - Renesas Technology Corp 7477 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 354 page
background image
HARDWARE
1.5 Pin description
7470/7471/7477/7478 GROUP USER’S MANUAL
1-16
Table 1.5.3 Pin description (3)
Name
Input port P5
Pin
P50–P53
Input/
Output
Input
Functions
• Port P5 is a 4-bit input port.
• Pull-up transistor can be connected in units of
4-bit.
• Pins P50, P51 are in common with input/output
pins for sub-clock generating circuit XCIN, XCOUT
respectively.
• When using pins P50 and P51 as pins XCIN and
XCOUT, connect a quartz-crystal oscillator between
pins XCIN and XCOUT.
• When using pins P50 and P51 as pins XCIN and
XCOUT, a feedback resistor is connected between
pins XCIN and XCOUT.
• To use an external clock input, connect the clock
oscillation source to the XCIN pin and leave the
XCOUT pin open.
Note: Only the 7471/7478 group has pins P50–P53.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More