| Moteur de recherche de fiches techniques de composants électroniques |
|
STZT2907 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STZT2907 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() STZT2907 STZT2907A MEDIUM POWER AMPLIFIER ADVANCE DATA s SILICON EPITAXIAL PLANAR NPN TRANSISTORS s MINIATURE PLASTIC PACKAGE FOR APPLICATION IN SURFACE MOUNTING CIRCUITS s GENERAL PURPOSE MAINLY INTENDED FOR USE IN MEDIUM POWER INDUSTRIAL APPLICATION AND FOR AUDIO AMPLIFIER OUTPUT STAGE s PNP COMPLEMENTS ARE STZT2222 AND STZT2222A RESPECTIVELY INTERNAL SCHEMATIC DIAGRAM October 1995 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit STZT2907 STZT2907A VCBO Collector-Base Voltage (IE = 0) -60 -60 V VCEO Collector-Emitter Voltage (IB = 0) -40 -60 V VEBO Emitter-Base Voltage (IC = 0) -5 V IC Collector Current -0.8 A Ptot Total Dissipation at Tc = 25 o C -1.5 W Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 1 2 2 3 SOT-223 1/4 |
Numéro de pièce similaire - STZT2907 |
|
Description similaire - STZT2907 |