Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028 Fiches technique(PDF) 31 Page - Renesas Technology Corp

No de pièce H8/3028
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 Fiches technique(HTML) 31 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 27Page - Renesas Technology Corp H8/3028 Datasheet HTML 28Page - Renesas Technology Corp H8/3028 Datasheet HTML 29Page - Renesas Technology Corp H8/3028 Datasheet HTML 30Page - Renesas Technology Corp H8/3028 Datasheet HTML 31Page - Renesas Technology Corp H8/3028 Datasheet HTML 32Page - Renesas Technology Corp H8/3028 Datasheet HTML 33Page - Renesas Technology Corp H8/3028 Datasheet HTML 34Page - Renesas Technology Corp H8/3028 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 923 page
background image
Rev. 2.00, 09/03, page 1 of 890
Section 1 Overview
1.1
Overview
The H8/3028 Group comprises microcontrollers (MCUs) that integrate system supporting
functions together with an H8/300H CPU core having an original Hitachi architecture.
The H8/300H CPU has a 32-bit internal architecture with sixteen 16-bit general registers, and a
concise, optimized instruction set designed for speed. It can address a 16-Mbyte linear address
space. Its instruction set is upward-compatible at the object-code level with the H8/300 CPU,
enabling easy porting of software from the H8/300 Series.
The on-chip system supporting functions include ROM, RAM, a 16-bit timer, an 8-bit timer, a
programmable timing pattern controller (TPC), a watchdog timer (WDT), a serial communication
interface (SCI), an A/D converter, a D/A converter, I/O ports, a direct memory access controller
(DMAC), and other facilities.
The H8/3028 Group has 384 kbytes of ROM and 16 kbytes of RAM.
Seven MCU operating modes offer a choice of bus width and address space size. The modes
(modes 1 to 7) include two single-chip modes and five expanded modes.
In addition to the mask-ROM version of the H8/3028 Group, an F-ZTAT
* version with an on-
chip flash memory that can be freely programmed and reprogrammed by the user after the board is
installed is also available. This version enables users to respond quickly and flexibly to changing
application specifications, growing production volumes, and other conditions.
Table 1.1 summarizes the features of the H8/3028 Group.
Note: * F-ZTAT™ (Flexible ZTAT) is a trademark of Renesas Technology Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com