Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 790 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 790 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 786Page - Renesas Technology Corp H8/3028F Datasheet HTML 787Page - Renesas Technology Corp H8/3028F Datasheet HTML 788Page - Renesas Technology Corp H8/3028F Datasheet HTML 789Page - Renesas Technology Corp H8/3028F Datasheet HTML 790Page - Renesas Technology Corp H8/3028F Datasheet HTML 791Page - Renesas Technology Corp H8/3028F Datasheet HTML 792Page - Renesas Technology Corp H8/3028F Datasheet HTML 793Page - Renesas Technology Corp H8/3028F Datasheet HTML 794Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 790 / 923 page
background image
Rev. 2.00, 09/03, page 760 of 890
IPRA—Interrupt Priority Register A
H'EE018
Interrupt Controller
Bit
Initial value
Read/Write
0
R/W
7
IPRA7
0
R/W
6
IPRA6
0
R/W
5
IPRA5
0
R/W
4
IPRA4
0
R/W
3
IPRA3
0
R/W
2
IPRA2
0
R/W
1
IPRA1
0
R/W
0
IPRA0
Priority level A7 to A0
0
1
Priority level 0 (low priority)
Priority level 1 (high priority)
• Interrupt sources controlled by each bit
IPRA
Bit
Interrupt
source
Bit 7
IPRA7
Bit 6
IPRA6
Bit 5
IPRA5
Bit 4
IPRA4
Bit 3
IPRA3
Bit 2
IPRA2
Bit 1
IPRA1
Bit 0
IPRA0
IRQ2,
IRQ3
IRQ1
IRQ0
IRQ4,
IRQ5
WDT,
DRAM
interface,
A/D converter
16-bit
timer
channel 0
16-bit
timer
channel 1
16-bit
timer
channel 2
IPRB—Interrupt Priority Register B
H'EE019
Interrupt Controller
Bit
Initial value
Read/Write
0
R/W
7
IPRB7
0
R/W
6
IPRB6
0
R/W
5
IPRB5
0
R/W
4
—
0
R/W
3
IPRB3
0
R/W
2
IPRB2
0
R/W
1
IPRB1
0
R/W
0
—
Priority level B7 to B5, B3 to B1
0
1
Priority level 0 (low priority)
Priority level 1 (high priority)
Bit 7
IPRB7
Bit 6
IPRB6
Bit 5
IPRB5
Bit 4
—
Bit 3
IPRB3
Bit 2
IPRB2
Bit 1
IPRB1
Bit 0
—
8-bit timer
channels
0 and 1
8-bit timer
channels
2 and 3
DMAC
——
SCI
channel 0
SCI
channel 1
SCI
channel 2
• Interrupt sources controlled by each bit
IPRB
Bit
Interrupt
source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More