Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 789 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 789 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 785Page - Renesas Technology Corp H8/3028F Datasheet HTML 786Page - Renesas Technology Corp H8/3028F Datasheet HTML 787Page - Renesas Technology Corp H8/3028F Datasheet HTML 788Page - Renesas Technology Corp H8/3028F Datasheet HTML 789Page - Renesas Technology Corp H8/3028F Datasheet HTML 790Page - Renesas Technology Corp H8/3028F Datasheet HTML 791Page - Renesas Technology Corp H8/3028F Datasheet HTML 792Page - Renesas Technology Corp H8/3028F Datasheet HTML 793Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 789 / 923 page
background image
Rev. 2.00, 09/03, page 759 of 890
IER—IRQ Enable Register
H'EE015
Interrupt Controller
Bit
Initial value
Read/Write
0
R/W
7
—
0
R/W
6
—
0
R/W
5
IRQ5E
0
R/W
4
IRQ4E
0
R/W
3
IRQ3E
0
R/W
2
IRQ2E
0
R/W
1
IRQ1E
0
R/W
0
IRQ0E
IRQ5 to IRQ0 enable
0
1
IRQ5 to IRQ0 interrupts are disabled
IRQ5 to IRQ0 interrupts are enabled
ISR—IRQ Status Register
H'EE016
Interrupt Controller
Bit
Initial value
Read/Write
0
7
—
—
0
6
—
—
0
R/(W)
*
5
IRQ5F
0
R/(W)
*
4
IRQ4F
0
R/(W)
*
3
IRQ3F
0
R/(W)
*
2
IRQ2F
0
R/(W)
*
1
IRQ1F
0
R/(W)
*
0
IRQ0F
IRQ5 to IRQ0 flags
0
Note:
* Only 0 can be written, to clear the flag.
Bits 5 to 0
IRQ5F to IRQ0F
Setting and Clearing Conditions
1
(n = 5 to 0)
[Clearing conditions]
• Read IRQnF when IRQnF = 1, then write 0 in IRQnF.
• IRQnSC = 0,
IRQn input is high, and interrupt exception
handling is being carried out.
• IRQnSC = 1 and IRQn interrupt exception handling is being
carried out.
[Setting conditions]
• IRQnSC = 0 and
IRQn input is low.
• IRQnSC = 1 and
IRQn input changes from high to low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More