Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 678 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 678 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 674Page - Renesas Technology Corp H8/3028F Datasheet HTML 675Page - Renesas Technology Corp H8/3028F Datasheet HTML 676Page - Renesas Technology Corp H8/3028F Datasheet HTML 677Page - Renesas Technology Corp H8/3028F Datasheet HTML 678Page - Renesas Technology Corp H8/3028F Datasheet HTML 679Page - Renesas Technology Corp H8/3028F Datasheet HTML 680Page - Renesas Technology Corp H8/3028F Datasheet HTML 681Page - Renesas Technology Corp H8/3028F Datasheet HTML 682Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 678 / 923 page
background image
Rev. 2.00, 09/03, page 648 of 890
21.1.2
DC Characteristics
Table 21.2 lists the DC characteristics. Table 21.3 lists the permissible output currents.
Table 21.2 DC Characteristics
Conditions: VCC = 3.0 V to 3.6 V, AVCC*
1 = 3.0 V to 3.6 V, VREF*1 = 3.0 V to AVCC,
VSS = AVSS*
1 = 0 V, Ta = –20°C to +75°C (regular specifications),
Ta = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
VT
–
VCC
× 0.2 —
—
V
VT
+
——
VCC
× 0.7 V
Schmitt
trigger input
voltages
P80 to P82,
Port A
VT
+ – VT– VCC ×
0.05
——
V
STBY, RES,
NMI, MD2 to
MD0
VIH
VCC
× 0.9 —
VCC + 0.3
V
EXTAL
VCC
× 0.7 —
VCC + 0.3
V
Port 7
VCC
× 0.7 —
AVCC +
0.3
V
Input high
voltage
Ports 1 to 6
P83, P84, P90
to P95, port B
VCC
× 0.7 —
VCC + 0.3
V
STBY, RES,
MD2 to MD0
VIL
–0.3
—
VCC
× 0.1 V
Input low
voltage
NMI, EXTAL,
ports 1 to 7
P83, P84, P90 to
P95, port B
–0.3
—
VCC
× 0.2 V
VOH
VCC – 0.5 —
—
V
IOH = –200 µA
Output high
voltage
All output pins
(except
RESO)
VCC – 1.0 —
—
V
IOH = –1 mA
All output pins
(except
RESO)
VOL
——
0.4
V
IOL = 1.6 mA
Ports 1, 2,
and 5
——
1.0
V
IOL = 5 mA
Output low
voltage
RESO
——
0.4
V
IOL = 1.6 mA
STBY, RES,
NMI, MD2 to
MD0
|Iin|—
—
1.0
µA
Vin = 0.5 V to
VCC – 0.5 V
Input leakage
current
Port 7
—
—
1.0
µA
Vin = 0.5 V to
AVCC – 0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More