Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 674 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 674 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 670Page - Renesas Technology Corp H8/3028F Datasheet HTML 671Page - Renesas Technology Corp H8/3028F Datasheet HTML 672Page - Renesas Technology Corp H8/3028F Datasheet HTML 673Page - Renesas Technology Corp H8/3028F Datasheet HTML 674Page - Renesas Technology Corp H8/3028F Datasheet HTML 675Page - Renesas Technology Corp H8/3028F Datasheet HTML 676Page - Renesas Technology Corp H8/3028F Datasheet HTML 677Page - Renesas Technology Corp H8/3028F Datasheet HTML 678Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 674 / 923 page
background image
Rev. 2.00, 09/03, page 644 of 890
20.5
Hardware Standby Mode
20.5.1
Transition to Hardware Standby Mode
Regardless of its current state, the chip enters hardware standby mode whenever the
STBY pin
goes low. Hardware standby mode reduces power consumption drastically by halting all functions
of the CPU, DMAC, DRAM interface, and on-chip supporting modules. All modules are reset
except the on-chip RAM. As long as the specified voltage is supplied, on-chip RAM data is
retained. I/O ports are placed in the high-impedance state.
Clear the RAME bit to 0 in SYSCR before
STBY goes low to retain on-chip RAM data.
The inputs at the mode pins (MD2 to MD0) should not be changed during hardware standby
mode.
20.5.2
Exit from Hardware Standby Mode
Hardware standby mode is exited by inputs at the
STBY and RES pins. While RES is low, when
STBY goes high, the clock oscillator starts running. RES should be held low long enough for the
clock oscillator to settle. When
RES goes high, reset exception handling begins, followed by a
transition to the program execution state.
20.5.3
Timing for Hardware Standby Mode
Figure 20.2 shows the timing relationships for hardware standby mode. To enter hardware standby
mode, first drive
RES low, then drive STBY low. To exit hardware standby mode, first drive
STBY high, wait for the clock to settle, then bring RES from low to high.
RES
STBY
Clock
oscillator
Oscillator
settling time
Reset
exception
handling
Figure 20.2 Hardware Standby Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More