| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3028F Fiches technique(PDF) 635 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Fiches technique(HTML) 635 Page - Renesas Technology Corp |
|
635 / 923 page ![]() Rev. 2.00, 09/03, page 605 of 890 START End of programming Set SWE bit in FLMCR1 Start of programming Write pulse application subroutine Wait (tsswe) µs Sub-Routine Write Pulse End Sub Set PSU bit in FLMCR1 WDT enable Disable WDT Number of Writes (n) 1 2 3 4 5 6 7 8 9 10 11 12 13 998 999 1000 Note 6: Write Pulse Width Write Time (tsp) µs 30 30 30 30 30 30 200 200 200 200 200 200 200 200 200 200 Wait (tspsu) µs Set P bit in FLMCR1 Wait (tsp) µs Clear P bit in FLMCR1 Wait (tcp) µs Clear PSU bit in FLMCR1 Wait (tcpsu) µs n= 1 m= 0 NG NG NG NG OK OK OK Wait (tspv) µs Wait (tspvr) µs *2 *7 *7 *4 *7 *7 Start of programming Programming halted *5*7 *7 *7 *1 Wait (tcpv) µs Write pulse Sub-Routine-Call Set PV bit in FLMCR1 H'FF dummy write to verify address Read verify data Write data = verify data? *4 *3 *7 *7 *7 *1 Transfer reprogram data to reprogram data area Reprogram data computation *4 Transfer additional-programming data to additional-programming data area Additional-programming data computation Clear PV bit in FLMCR1 Clear SWE bit in FLMCR1 m = 1 Reprogram See Note 6 for pulse width m= 0 ? Increment address Programming failure OK Clear SWE bit in FLMCR1 Wait (tcswe) µs NG OK 6 ≥ n? NG OK 6 ≥ n ? Wait (tcswe) µs n ≥ N? n ← n + 1 Original Data (D) Verify Data (V) Reprogram Data (X) Comments Programming completed Still in erased state; no action Programming incomplete; reprogram Note: Use a 10 µs write pulse for additional programming. Consecutively write 128-byte data in reprogram data area in RAM to flash memory RAM Program data storage area (128 bytes) Reprogram data storage area (128 bytes) Additional-programming data storage area (128 bytes) Store 128-byte program data in program data area and reprogram data area Write Pulse (Additional programming) Sub-Routine-Call 128-byte data verification completed? Consecutively write 128-byte data in additional- programming data area in RAM to flash memory Reprogram Data Computation Table Reprogram Data (X') Verify Data (V) Additional- Programming Data (Y) 1 1 1 1 0 1 0 0 0 0 1 1 Comments Additional programming to be executed Additional programming not to be executed Additional programming not to be executed Additional programming not to be executed 0 1 1 1 0 1 0 1 0 0 1 1 Additional-Programming Data Computation Table Perform programming in the erased state. Do not perform additional programming on previously programmed addresses. Notes: 1. Data transfer is performed by byte transfer. The lower 8 bits of the first address written to must be H'00 or H'80. A 128-byte data transfer must be performed even if writing fewer than 128 bytes; in this case, H'FF data must be written to the extra addresses. 2. Verify data is read in 16-bit (word) units. 3. Reprogram data is determined by the operation shown in the table below (comparison between the data stored in the program data area and the verify data). Bits for which the reprogram data is 0 are programmed in the next reprogramming loop. Therefore, even bits for which programming has been completed will be subjected to programming once again if the result of the subsequent verify operation is NG. 4. A 128-byte area for storing program data, a 128-byte area for storing reprogram data, and a 128-byte area for storing additional-programming data must be provided in RAM. The contents of the reprogram data area and additional-programming data area are modified as programming proceeds. 5. A write pulse of 30 µs or 200 µs is applied according to the progress of the programming operation. See Note 6 for details of the pulse widths. When writing of additional-programming data is executed, a 10 µs write pulse should be applied. Reprogram data X' means reprogram data when the write pulse is applied. 7. The wait times and value of N are shown in section 21.2.6, Flash Memory Characteristics. Figure 18.10 Program/Program-Verify Flowchart (128-Byte Programming) |