Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 631 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 631 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 627Page - Renesas Technology Corp H8/3028F Datasheet HTML 628Page - Renesas Technology Corp H8/3028F Datasheet HTML 629Page - Renesas Technology Corp H8/3028F Datasheet HTML 630Page - Renesas Technology Corp H8/3028F Datasheet HTML 631Page - Renesas Technology Corp H8/3028F Datasheet HTML 632Page - Renesas Technology Corp H8/3028F Datasheet HTML 633Page - Renesas Technology Corp H8/3028F Datasheet HTML 634Page - Renesas Technology Corp H8/3028F Datasheet HTML 635Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 631 / 923 page
background image
Rev. 2.00, 09/03, page 601 of 890
18.6.1
Program Mode
When writing data or programs to flash memory, the program/program-verify flowchart shown in
figure 18.10 should be followed. Performing programming operations according to this flowchart
will enable data or programs to be written to flash memory without subjecting the device to
voltage stress or sacrificing program data reliability. Programming should be carried out 128 bytes
at a time.
The wait times after bits are set or cleared in the flash memory control register 1 (FLMCR1) and
the maximum number of programming operations (N) are shown in table 21.19 in section 21.2.6,
Flash Memory Characteristics.
Following the elapse of (tsswe) µs or more after the SWE bit is set to 1 in FLMCR1, 128-byte data
is written consecutively to the write addresses. The lower 8 bits of the first address written to must
be H'00 and H'80, 128 consecutive byte data transfers are performed. The program address and
program data are latched in the flash memory. A 128-byte data transfer must be performed even if
writing fewer than 128 bytes; in this case, H'FF data must be written to the extra addresses.
Next, the watchdog timer (WDT) is set to prevent overprogramming due to program runaway, etc.
Set a value greater than (tspsu + tsp + tcp + tcpsu) µs as the WDT overflow period. Preparation for
entering program mode (program setup) is performed next by setting the PSU bit in FLMCR1.
The operating mode is then switched to program mode by setting the P bit in FLMCR1 after the
elapse of at least (tspsu) µs. The time during which the P bit is set is the flash memory
programming time. Make a program setting so that the time for one programming operation is
within the range of (tsp) µs.
The wait time after P bit setting must be changed according to the degree of progress through the
programming operation. For details see “Notes on Program/Program-Verify Procedure.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More