Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 597 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 597 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 593Page - Renesas Technology Corp H8/3028F Datasheet HTML 594Page - Renesas Technology Corp H8/3028F Datasheet HTML 595Page - Renesas Technology Corp H8/3028F Datasheet HTML 596Page - Renesas Technology Corp H8/3028F Datasheet HTML 597Page - Renesas Technology Corp H8/3028F Datasheet HTML 598Page - Renesas Technology Corp H8/3028F Datasheet HTML 599Page - Renesas Technology Corp H8/3028F Datasheet HTML 600Page - Renesas Technology Corp H8/3028F Datasheet HTML 601Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 597 / 923 page
background image
Rev. 2.00, 09/03, page 567 of 890
DADR0
write cycle
DACR
write cycle
DADR0
write cycle
DACR
write cycle
Address
DADR0
DAOE0
DA
φ
0
Conversion data 1
Conversion data 2
High-impedance state
Conversion
result 1
Conversion
result 2
t DCONV
t DCONV
Legend
t
: D/A conversion time
DCONV
Figure 16.2 Example of D/A Converter Operation
16.4
D/A Output Control
In the H8/3028 Group, D/A converter output can be enabled or disabled in software standby mode.
When the DASTE bit is set to 1 in DASTCR, D/A converter output is enabled in software standby
mode. The D/A converter registers retain the values they held prior to the transition to software
standby mode.
When D/A output is enabled in software standby mode, the reference supply current is the same as
during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More