| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3028F Fiches technique(PDF) 593 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Fiches technique(HTML) 593 Page - Renesas Technology Corp |
|
593 / 923 page ![]() Rev. 2.00, 09/03, page 563 of 890 16.2 Register Descriptions 16.2.1 D/A Data Registers 0 and 1 (DADR0/1) Bit Initial value Read/Write 7 0 R/W 6 0 R/W 5 0 R/W 4 0 R/W 3 0 R/W 2 0 R/W 1 0 R/W 0 0 R/W The D/A data registers (DADR0 and DADR1) are 8-bit readable/writable registers that store the data to be converted. When analog output is enabled, the D/A data register values are constantly converted and output at the analog output pins. The D/A data registers are initialized to H'00 by a reset and in standby mode. When the DASTE bit is set to 1 in the D/A standby control register (DASTCR), the D/A registers are not initialized in software standby mode. 16.2.2 D/A Control Register (DACR) Bit Initial value Read/Write 7 DAOE1 0 R/W 6 DAOE0 0 R/W 5 DAE 0 R/W 4 — 1 — 3 — 1 — 2 — 1 — 1 — 1 — 0 — 1 — D/A output enable 1 D/A output enable 0 D/A enable Controls D/A conversion and analog output Controls D/A conversion and analog output Controls D/A conversion DACR is an 8-bit readable/writable register that controls the operation of the D/A converter. DACR is initialized to H'1F by a reset and in standby mode. When the DASTE bit is set to 1 in DASTCR, the DACR is not initialized in software standby mode. |