Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 556 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 556 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 552Page - Renesas Technology Corp H8/3028F Datasheet HTML 553Page - Renesas Technology Corp H8/3028F Datasheet HTML 554Page - Renesas Technology Corp H8/3028F Datasheet HTML 555Page - Renesas Technology Corp H8/3028F Datasheet HTML 556Page - Renesas Technology Corp H8/3028F Datasheet HTML 557Page - Renesas Technology Corp H8/3028F Datasheet HTML 558Page - Renesas Technology Corp H8/3028F Datasheet HTML 559Page - Renesas Technology Corp H8/3028F Datasheet HTML 560Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 556 / 923 page
background image
Rev. 2.00, 09/03, page 526 of 890
The following equation calculates the bit rate register (BRR) setting from the operating frequency
and bit rate. N is an integer from 0 to 255, specifying the value with the smaller error.
N =
1488
× 22n–1 × B
× 106 – 1
φ
Table 14.6 BRR Settings for Typical Bit Rates (bits/s) (When n = 0)
φφφφ (MHz)
7.1424
10.00
10.7136
13.00
14.2848
16.00
18.00
20.00
25.00
bit/s
N Error N Error N Error N Error N Error N Error N Error N Error N Error
9600
0 0.00
1 30
1 25
1 8.99
1 0.00
1 12.01 2 15.99 2 6.66
3 12.49
Table 14.7 Maximum Bit Rates for Various Frequencies (Smart Card Interface Mode)
φφφφ (MHz)
Maximum Bit Rate (bits/s)
N
n
7.1424
9600
0
0
10.00
13441
0
0
10.7136
14400
0
0
13.00
17473
0
0
14.2848
19200
0
0
16.00
21505
0
0
18.00
24194
0
0
20.00
26882
0
0
25.00
33602
0
0
The bit rate error is given by the following equation:
Error (%) =
1488
× 22n-1 × B × (N + 1)
× 106 – 1 × 100
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More