Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 555 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 555 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 551Page - Renesas Technology Corp H8/3028F Datasheet HTML 552Page - Renesas Technology Corp H8/3028F Datasheet HTML 553Page - Renesas Technology Corp H8/3028F Datasheet HTML 554Page - Renesas Technology Corp H8/3028F Datasheet HTML 555Page - Renesas Technology Corp H8/3028F Datasheet HTML 556Page - Renesas Technology Corp H8/3028F Datasheet HTML 557Page - Renesas Technology Corp H8/3028F Datasheet HTML 558Page - Renesas Technology Corp H8/3028F Datasheet HTML 559Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 555 / 923 page
background image
Rev. 2.00, 09/03, page 525 of 890
14.3.5
Clock
Only an internal clock generated by the on-chip baud rate generator can be used as the
transmit/receive clock for the smart card interface. The bit rate is set with the bit rate register
(BRR) and the CKS1 and CKS0 bits in the serial mode register (SMR). The equation for
calculating the bit rate is shown below. Table 14.5 shows some sample bit rates.
If clock output is selected with CKE0 set to 1, a clock with a frequency of 372 times the bit rate is
output from the SCK pin.
B =
1488
× 22n–1 × (N + 1)
× 106
φ
where, N: BRR setting (0
≤ N ≤ 255)
B: Bit rate (bit/s)
φ: Operating frequency (MHz)
n: See table 14.4
Table 14.4 n-Values of CKS1 and CKS0 Settings
n
CKS1
CKS0
00
0
11
21
0
31
Note: If the gear function is used to divide the clock frequency, use the divided frequency to
calculate the bit rate. The equation above applies directly to 1/1 frequency division.
Table 14.5 Bit Rates (bits/s) for Various BRR Settings (When n = 0)
φφφφ (MHz)
N
7.1424
10.00
10.7136
13.00
14.2848
16.00
18.00
20.00
25.00
0
9600.0
13440.9
14400.0
17473.1
19200.0
21505.4
24193.5
26881.7
33602.2
1
4800.0
6720.4
7200.0
8736.6
9600.0
10752.7
12096.8
13440.9
16801.1
2
3200.0
4480.3
4800.0
5824.4
6400.0
7168.5
8064.5
8960.6
11200.7
Note: Bit rates are rounded off to one decimal place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More