Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 524 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 524 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 520Page - Renesas Technology Corp H8/3028F Datasheet HTML 521Page - Renesas Technology Corp H8/3028F Datasheet HTML 522Page - Renesas Technology Corp H8/3028F Datasheet HTML 523Page - Renesas Technology Corp H8/3028F Datasheet HTML 524Page - Renesas Technology Corp H8/3028F Datasheet HTML 525Page - Renesas Technology Corp H8/3028F Datasheet HTML 526Page - Renesas Technology Corp H8/3028F Datasheet HTML 527Page - Renesas Technology Corp H8/3028F Datasheet HTML 528Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 524 / 923 page
background image
Rev. 2.00, 09/03, page 494 of 890
In transmitting serial data, the SCI operates as follows:
• The SCI monitors the TDRE flag in SSR. When the TDRE flag is cleared to 0, the SCI
recognizes that TDR contains new data, and loads this data from TDR into TSR.
• After loading the data from TDR to TSR, the SCI sets the TDRE flag to 1 and starts
transmitting. If the TIE bit is set to 1 in SCR, the SCI requests a transmit-data-empty interrupt
(TXI) at this time.
Serial transmit data is transmitted in the following order from the TxD pin:
 Start bit: One 0 bit is output.
 Transmit data: 7 or 8 bits are output, LSB first.
 Multiprocessor bit: One multiprocessor bit (MPBT value) is output.
 Stop bit(s): One or two 1 bits (stop bits) are output.
 Mark state: Output of 1 bits continues until the start bit of the next transmit data.
• The SCI checks the TDRE flag when it outputs the stop bit. If the TDRE flag is 0, the SCI
loads new data from TDR into TSR, outputs the stop bit, then begins serial transmission of the
next frame. If the TDRE flag is 1, the SCI sets the TEND flag to 1 in SSR, outputs the stop
bit, then continues output of 1 bits in the mark state. If the TEIE bit is set to 1 in SCR, a
transmit-end interrupt (TEI) is requested at this time
Figure 13.11 shows an example of SCI transmit operation using a multiprocessor format.
D0
D1
D7
0/1
1
1
0
Start
bit
0
D0
D1
D7
0/1
1
Data
Multi-
processor
bit
Stop
bit
Start
bit
Data
Multi-
processor
bit
Stop
bit
TDRE
TEND
Idle (mark)
state
TEI interrupt
request
TXI interrupt
request
TXI interrupt handler
writes data in TDR and
clears TDRE flag to 0
TXI interrupt
request
1 frame
Figure 13.11 Example of SCI Transmit Operation
(8-Bit Data with Multiprocessor Bit and One Stop Bit)
Receiving Multiprocessor Serial Data: Figure 13.12 shows a sample flowchart for receiving
multiprocessor serial data and indicates the procedure to follow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More