| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3028F Fiches technique(PDF) 523 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Fiches technique(HTML) 523 Page - Renesas Technology Corp |
|
523 / 923 page ![]() Rev. 2.00, 09/03, page 493 of 890 TEND = 1 No No Read TEND flag in SSR Yes Yes Yes Yes No No <End> Clear TE bit to 0 in SCR Clear DR bit to 0 and set DDR to 1 (2) (1) Initialize (3) (4) (1) (2) (3) (4) TDRE = 1 All data transmitted? Read TDRE flag in SSR Start transmitting Write transmit data in TDR and set MPBT bit in SSR Clear TDRE flag to 0 Output break signal? SCI initialization: the transmit data output function of the TxD pin is selected automatically. SCI status check and transmit data write: read SSR, check that the TDRE flag is 1, then write transmit data in TDR. Also set the MPBT flag to 0 or 1 in SSR. Finally, clear the TDRE flag to 0. To continue transmitting serial data: after checking that the TDRE flag is 1, indicating that data can be written, write data in TDR, then clear the TDRE flag to 0. When the DMAC is activated by a transmit-data- empty interrupt request (TXI) to write data in TDR, the TDRE flag is checked and cleared automatically. To output a break signal at the end of serial transmission: set the DDR bit to 1 and clear the DR bit to 0, then clear the TE bit to 0 in SCR. Figure 13.10 Sample Flowchart for Transmitting Multiprocessor Serial Data |