| Moteur de recherche de fiches techniques de composants électroniques |
|
7733 Fiches technique(PDF) 179 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 Fiches technique(HTML) 179 Page - Renesas Technology Corp |
|
179 / 940 page ![]() TIMER B 7733 Group User’s Manual 7–16 7.3 Timer mode [Precautions in timer mode] While counting is in progress, by reading out the timer Bi register, the counter value can be read at an arbitrary timing. However, when reading is performed at the reload timing shown in Figure 7.3.4, value “FFFF16” is read out. If reading is performed in the period from when a value is set into the timer Bi register with the counter stopped until the counter starts counting, the set value is correctly read out. Fig. 7.3.4 Timer Bi register read out 21 0 n n – 1 Counter value (Hex.) 21 0 FFFF n – 1 Read value (Hex.) Reload Time n = Reload register’s contents |