| Moteur de recherche de fiches techniques de composants électroniques |
|
7733 Fiches technique(PDF) 166 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 Fiches technique(HTML) 166 Page - Renesas Technology Corp |
|
166 / 940 page ![]() TIMER B 7733 Group User’s Manual 7–3 7.2 Block description Figure 7.2.1 shows the timer B block diagram. Registers related to timer B are described below. Fig. 7.2.1 Timer B block diagram f2 f16 f64 f512 Clock source selection •Timer mode •Pulse period/Pulse width measurement mode Polarity switching and Edge pulse generating circuit Event counter mode Count start flag Counter reset circuit Data bus (Odd) Data bus (Even) (Low-order 8 bits) (High-order 8 bits) Timer Bi reload register (16) Timer Bi counter (16) Timer Bi interrupt request bit TBiIN (i = 0 to 2) Timer Bi overflow flag fc32 (Note 1) TB2 overflow signal (Note 2) (address 4016) addresses Timer B0 5116 5016 Timer B1 5316 5216 Timer B2 5516 5416 Notes 1: Clock source for clock timer Can be selected only for TB2 (Refer to Figure 14.3.1.) 2: Can be selected only for TB1 (Internal connect mode) Clocks f2, f16, f64, and f512 : Refer to chapter “14. CLOCK GENERATING CIRCUIT.” 7.2 Block description |