Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7733 Fiches technique(PDF) 456 Page - Renesas Technology Corp

No de pièce 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Fiches technique(HTML) 456 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 452Page - Renesas Technology Corp 7733 Datasheet HTML 453Page - Renesas Technology Corp 7733 Datasheet HTML 454Page - Renesas Technology Corp 7733 Datasheet HTML 455Page - Renesas Technology Corp 7733 Datasheet HTML 456Page - Renesas Technology Corp 7733 Datasheet HTML 457Page - Renesas Technology Corp 7733 Datasheet HTML 458Page - Renesas Technology Corp 7733 Datasheet HTML 459Page - Renesas Technology Corp 7733 Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–49
17.4.2 Power saving example with wait mode used
In this example, power saving is realized by using the wait mode. While power is saved, the clock function
is realized by using the clock timer (Timer B2).
(1) Specifications
Œ The microcomputer operates in the single-chip mode.
 The frequency of the sub clock (f(XCIN)) = 32.768 kHz. An external clock is used as the sub clock.
Ž Clock counting is performed by using the clock timer. (An interrupt request occurs every second.)
 When an INT0 interrupt request occurs (Note), the wait mode is terminated.
Note: An interrupt request occurs at every falling edge of the signal input from pin INT0.
 In the wait mode, interrupts other than the following interrupts are disabled.
•Timer B2 interrupt
•INT0 interrupt
‘ An external input is used as the main clock.
17.4 Power saving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More