| Moteur de recherche de fiches techniques de composants électroniques |
|
STZT2222 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STZT2222 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 5 page ![]() STZT2222 STZT2222A MEDIUM POWER AMPLIFIER ADVANCE DATA s SILICON EPITAXIAL PLANAR NPN TRANSISTORS s MINIATURE PLASTIC PACKAGE FOR APPLICATION IN SURFACE MOUNTING CIRCUITS s GENERAL PURPOSE MAINLY INTENDED FOR USE IN MEDIUM POWER INDUSTRIAL APPLICATION AND FOR AUDIO AMPLIFIER OUTPUT STAGE s PNP COMPLEMENTS ARE STZT2907 AND STZT2907A RESPECTIVELY INTERNAL SCHEMATIC DIAGRAM October 1995 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit STZT2222 STZT2222A VCBO Collector-Base Voltage (IE = 0) 60 75 V VCEO Collector-Emitter Voltage (IB = 0) 30 40 V VEBO Emitter-Base Voltage (IC = 0) 5 6 V IC Collector Current 0.8 A Ptot Total Dissipation at Tc = 25 o C 1.5 W Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 1 2 2 3 SOT-223 1/5 |
Numéro de pièce similaire - STZT2222 |
|
Description similaire - STZT2222 |