Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7630 Fiches technique(PDF) 21 Page - Renesas Technology Corp

No de pièce 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Fiches technique(HTML) 21 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 17Page - Renesas Technology Corp 7630 Datasheet HTML 18Page - Renesas Technology Corp 7630 Datasheet HTML 19Page - Renesas Technology Corp 7630 Datasheet HTML 20Page - Renesas Technology Corp 7630 Datasheet HTML 21Page - Renesas Technology Corp 7630 Datasheet HTML 22Page - Renesas Technology Corp 7630 Datasheet HTML 23Page - Renesas Technology Corp 7630 Datasheet HTML 24Page - Renesas Technology Corp 7630 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 238 page
background image
1-5
7630 Group User’s Manual
+$5':$5(
PART NUMBERING
Fig. 3 Part numbering
Product
M37630
M
4
T–
XXX
FP
Package type
FP: 44P6N-A package
FS: 80D0 package
ROM number
Omitted in One Time PROM version (blank) and EPROM version
T: Automotive use
ROM/PROM size
4: 16384 bytes
The first 128 bytes and the last 4 bytes of ROM are reserved areas.
They cannot be used.
Memory type
M: Mask ROM version
E: EPROM or One Time PROM version
PART NUMBERING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More