| Moteur de recherche de fiches techniques de composants électroniques |
|
7220 Fiches technique(PDF) 256 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 Fiches technique(HTML) 256 Page - Renesas Technology Corp |
|
256 / 303 page ![]() 7220 Group User’s Manual APPENDIX 6.7 Control registers 6-37 Fig. 6.7.12 Serial I/O mode register b7 b6 b5 b4 b3 b2 b1 b0 Serial I/O mode register (SM) [Address 00DC16] B Name Functions After reset RW Serial I/O Mode Register 0, 1 Internal synchronous clock selection bits (SM0, SM1) b1 b0 0 0: f(XIN)/4 0 1: f(XIN)/16 1 0: f(XIN)/32 1 1: f(XIN)/64 2 Synchronous clock selection bit (SM2) 3 Serial I/O port selection bit (SM3) 4 5 Transfer direction selection bit (SM5) 7 0 0 0: P20, P21 functions as port 1: SCLK, SOUT 0: External clock 1: Internal clock 0: LSB first 1: MSB first Nothing is assigned. This bit is a write disable bit. When this bit is read out, the value is “0.” 6 Fix this bit to “0.” 0 0 0 0 0 0 Serial input pin selection bit (SM6) 0: Input signal from S IN pin 1: Input signal from S OUT pin RW RW RW RW RW RW R— Address 00DC16 |