| Moteur de recherche de fiches techniques de composants électroniques |
|
7220 Fiches technique(PDF) 37 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 Fiches technique(HTML) 37 Page - Renesas Technology Corp |
|
37 / 303 page ![]() 2-10 FUNCTIONAL DESCRIPTION 2.2 Access area 7220 Group User’s Manual 2.2.1 Zero page (addresses 000016 to 00FF16) The 256 bytes from address 000016 to address 00FF16 are called “zero page”. The internal RAM, I/O ports, timer, serial I/O, A-D comparison, PWM output, CRT display and interrupt related registers all present within this area. These registers were called “special function registers” in distinction from the accumulator, index registers and so on in the CPU. The addressing modes as shown in Table 2.2.1 are used to specify memory (RAM) and special function registers in the zero page area. Those modes dedicated to the zero page area are marked with a symbol (V). This area can be accessed with shorter instructions by using these modes. Table 2.2.1 Zero page addressing 2 2 2 2 2 3 3 3 3 2 3 2 2 V Zero page V Zero page Indirect V Zero page X V Zero page Y V Zero page Bit V Zero page Bit Relative Absolute Absolute X Absolute Y Relative Indirect Indirect X Indirect Y Bytes required Addressing mode 2.2.2 Special page (addresses FF0016 to FFFF16) The 256 bytes from address FF0016 to address FFFF16 within the internal ROM are called “special page area”. The addressing modes as shown in Table 2.2.2 are used to specify memory in the special page area. Those modes dedicated to the special page area are marked with a symbol (V). This area can be accessed with shorter instructions by using these modes. Subroutines used with considerable frequency are ordinary assigned in this area. Bytes required 2 3 3 3 2 3 2 2 Table 2.2.2 Special page addressing Addressing mode V Special page Absolute Absolute X Absolute Y Relative Indirect Indirect X Indirect Y |